Part Number Hot Search : 
V120MA2S DTA124 LV3400M BUT56 SFD605G 0ACPZ MAX6342 MC68HC
Product Description
Full Text Search
 

To Download 5962-0324601Q9A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Integer Unit Based on SPARC V7 High-performance RISC Architecture * Optimized Integrated 32/64-bit Floating-point Unit * On-chip Peripherals
- EDAC and Parity Generator and Checker - Memory Interface Chip Select Generator Waitstate Generation Memory Protection - DMA Arbiter - Timers General Purpose Timer (GPT) Real-time Clock Timer (RTCT) Watchdog Timer (WDT) - Interrupt Controller With 5 External Inputs - General Purpose Interface (GPI) - Dual UART Speed Optimized Code RAM Interface 8- or 40-bit boot-PROM (Flash) Interface IEEE 1149.1 Test Access Port (TAP) for Debugging and Test Purposes Fully Static Design Performance: 12 MIPs/3 MFlops (Double Precision) at SYSCLK = 15 MHz Core Consumption: 0.3W Typ. at 12 MIPs Operating Range: 3.15V to 3.45V -55C to +125C Tested up to a Total Dose of 300 Krds (si) according toMIL STD 883 Method 1019 No Single Event Latch-up Below an LET Threshold of 80 MeV/mg/cm2 Single Event Upsets Error Rate Better than: - 2 E-7 Error/Component/Day in GEO Orbit - 5 E-5 Error/Component/Day in LEO Orbit (53, 1000 km) Quality Grades: ESCC, and QMLQ or V with 5962-03246 Package: 256 MQFPF; Bare Die
* * * * * * * * * * *
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor TSC695FL
Description
The TSC695FL (ERC32 Single-Chip) is a highly integrated, high-performance 32-bit RISC embedded processor implementing the SPARC architecture V7 specification. It has been developed with the support of the ESA (European Space Agency), and offers a full development environment for embedded space applications. The processor is manufactured using the Atmel 0.5 m radiation tolerant ( 300 KRADs (Si)) CMOS enhanced process (RTP). It can operate at a low voltage for optimized power consumption (see datasheet TSC695FL). It has been specially designed for space, as it has on-chip concurrent transient and permanent error detection. The TSC695FL includes an on-chip Integer Unit (IU), a Floating Point Unit (FPU), a Memory Controller and a DMA arbiter. For real-time applications, the TSC695FL offers a high security watchdog, two timers, an interrupt controller, parallel and serial interfaces. Fault tolerance is supported using parity on internal/external buses and an EDAC on the external data bus. The design is highly testable with the support of an On-Chip Debugger (OCD), and a boundary scan through JTAG interface. The TSC695FL is a selection of the TSC5695F performed for a narrow 3.3V biasing voltage range ( 0.15V), as such, this specification can be only met by the products solds as TSC695FL. Where computing power is not the key factor, it allows for a dramatic power consumption reduction (70%).
Rev. 4204C-AERO-05/05
Block Diagram
Figure 1. TSC695FL Block Diagram
TAP 32-bit Integer Unit DMA Arbiter Access Controller Wait State Controller Address Interface EDAC General Purpose Interface UART B UART A Interrupt Controller Parity Gen./Check. DMA Ctrl
Clock & Parity Reset Managt Gen./Chk.
32/64-bit Floating-Point Unit Parity Gen./Chk.
Mem Ctrl Ready/Busy Add.+Size+ASI
Error Managt
General Purpose Timer
Real Time Clock Timer
Watch Dog
Data+Check bits
Parities
GPI bits
RxD, TxD
Interrupts
Pin Descriptions
Signal RA[31:0] RAPAR RASI[3:0] RSIZE[1:0] RASPAR CPAR D[31:0] CB[6:0] DPAR RLDSTO ALE DXFER LOCK RD WE WRT MHOLD MDS MEXC PROM8 BA[1:0] ROMCS ROMWRT MEMCS[9:0] MEMWR Type I/O, I/O I/O I/O I/O I/O I/O I/O I/O I/O O I/O I/O I/O I/O I/O O O O I O O I O O
For pin assignment, refer to package section.
Active
Description 32-bit registered address bus Output buffer: 400 pF MHOLD+FHOLD +BHOLD+FCCV Output buffer: 400 pF Output buffer: 400 pF
High
Registered address bus parity 4-bit registered address space identifier 2-bit registered bus transaction size
High High
Registered ASI and SIZE parity Control bus parity 32-bit data bus 7-bit check-bit bus
High High Low High High High Low High Low Low Low Low Low Low Low Low
Data bus parity Registered atomic load-store Address latch enable Data transfer Bus lock Read access Write enable Advanced write Memory bus hold Memory data strobe Memory exception Select 8-bit wide PROM Latched address used for 8-bit wide boot PROM PROM chip select ROM write enable Memory chip select Memory write strobe
2
TSC695FL
4204C-AERO-05/05
TSC695FL
Signal OE BUFFEN DDIR DDIR IOSEL[3:0] IOWR EXMCS BUSRDY BUSERR DMAREQ DMAGNT DMAAS DRDY IUERR CPUHALT SYSERR SYSHALT SYSAV NOPAR INULL INST FLUSH DIA RTC RxA/RxB TxA/TxB GPI[7:0] GPIINT EXTINT[4:0] EXTINTACK IWDE EWDINT WDCLK CLK2 SYSCLK RESET SYSRESET TMODE[1:0] DEBUG TCK TRST TMS TDI TDO VCCI/VSSI VCCO/VSSO Type O O O O O O O I I I O I O O O O I O I O O O O O I O I/O O I O I I I I O O I I I I I I I O Low High Low Low High High High High Active Low Low High Low Low Low Low Low Low Low Low High Low Low Low Low Low High Low High High High High High Description Memory output enable Data buffer enable Data buffer direction Data buffer direction I/O chip select I/O and exchange memory write strobe Exchange memory chip select Bus ready Bus error DMA request DMA grant DMA address strobe Data ready during DMA access IU error Processor (IU & FPU) halt and freeze System error System halt System availability No parity Integer unit nullify cycle Instruction fetch FPU instruction flush Delay instruction annulled Real Time Clock Counter output Receive data UART 'A' and 'B' Transmit data UART 'A' and 'B' GPI input/output GPI interrupt External interrupt External interrupt acknowledge Internal watch dog enable External watch dog input interrupt Watch dog clock Double frequency clock System clock Output reset System input reset Factory test mode Software debug mode Test (JTAG) clock Test (JTAG) reset Test (JTAG) mode select Test (JTAG) data input Test (JTAG) data output Main internal power Output driver power Output buffer: 400 pF Used to check the execute stage of IU instruction pipeline Input trigger Input trigger Input trigger Input trigger Input trigger Functional mode=00 pull-up 37 k pull-up 37 k pull-up 37 k -
Note:
If not specified, the output buffer type is 150 pF, the input buffer type is TTL.
3
4204C-AERO-05/05
System Architecture
The TSC695FL is to be used as an embedded processor requiring only memory and application specific peripherals to be added to form a complete on-board computer. All other system support functions are provided by the core.
Figure 2. System Architecture Based on TSC695FL DMA Unit Ax[31:0]
Xtd PROM Xchg Mem
Boot PROM
Master
Local Memory
Glue Logic
Xtd RAM I/O 0 to I/O 3
DPAR
DMAGNT DMAREQ DMAAS
Xtd I/O
(BUFFEN, DDIR)
Xtd general
MEMCtrl
FPU
Memory Interface
RA[31:0]
CB[6:0]
(ROMCS, EXMCS, IOSEL[3:0], MEMWR, IOWR, OE, BUSRDY,...)
RAMCtrl
(MEMCS[9:0], MEMWR, OE) SYSCLK ALE
RAM Memory
DMA
A[31:0]
IU
DMA
D[31:0]
(0 ws)
Peripherals
User Application
TSC695FL
4
TSC695FL
4204C-AERO-05/05
TSC695FL
Product Description
Integer Unit
The IU is designed for highly dependable space and military applications, and includes support for error detection. The RISC architecture makes the creation of a processor that can execute instructions at a rate approaching one instruction per processor clock possible. To achieve that rate of execution, the IU employs a four-stage instruction pipeline that permits parallel execution of multiple instructions. * * Fetch - The processor outputs the instruction address to fetch the instruction. Decode - The instruction is placed in the instruction register and is decoded. The processor reads the operands from the register file and computes the next instruction address. Execute - The processor executes the instruction and saves the results in temporary registers. Pending traps are prioritized and internal traps are taken during this stage. Write - If no trap is taken, the processor writes the result to the destination register.
* *
All four stages operate in parallel, working on up to four different instructions at a time. A basic 'single-cycle' instruction enters the pipeline and completes in four cycles. By the time it reaches the write stage, three more instructions have entered and are moving through the pipeline behind it. So, after the first four cycles, a single-cycle instruction exits the pipeline and a single-cycle instruction enters the pipeline on every cycle. Of course, a 'single-cycle' instruction actually takes four cycles to complete, but they are called single cycle because with this type of instruction the processor can complete one instruction per cycle after the initial four-cycle delay.
Floating-point Unit
The FPU is designed to provide execution of single and double-precision floating-point instructions concurrently with execution of integer instructions by the IU. The FPU is compliant to the ANSI/IEEE-754 (1985) floating-point standard. The FPU is designed for highly dependable space and military applications, and includes support for concurrent error detection and testability. The FPU uses a four stage instruction pipeline consisting of fetch, decode, execute and write stages (F, D, E and W). The fetch unit captures instructions and their addresses from the data and address busses. The decode unit contains logic to decode the floating-point instruction opcodes. The execution unit handles all instruction execution. The execution unit includes a floating-point queue (FP queue), which contains stored floating-point operate (FPop) instructions under execution and their addresses. The execution unit controls the load unit, the store unit, and the datapath unit. The FPU depends upon the IU to access all addresses and control signals for memory access. Floating-point loads and stores are executed in conjunction with the IU, which provides addresses and control signals while the FPU supplies or stores the data. Instruction fetch for integer and floating-point instructions is provided by the IU. The FPU provides three types of registers: f registers, FSR, and the FP queue. The FSR is a 32-bit status and control register. It keeps track of rounding modes, floating-point trap types, queue status, condition codes, and various IEEE exception information. The floating-point queue contains the floating-point instruction currently under execution, along with its corresponding address.
5
4204C-AERO-05/05
Instruction Set
TSC695FL instructions fall into six functional categories: load/store, arithmetic/logical/shift, control transfer, read/write control register, floating-point, and miscellaneous. Please refer to SPARC V7 Instruction-set Manual.
Note: The execution of IFLUSH will cause an illegal instruction trap.
On-chip Peripherals
Memory Interface Table 1. Memory Mapping
Memory Contents Start Address Size (bytes) Data Size and Parity Options 8-bit mode Boot PROM 0x 0000 0000 128K 16M 40-bit mode 8-bit mode Extended PROM Exchange Memory System Registers RAM (8 blocks) Extended RAM I/O Area 0 I/O Area 1 I/O Area 2 I/O Area 3 Extended I/O Area Extended General 0x 0100 0000 0x 01F0 0000 0x 01F8 0000 0x 0200 0000 0x 0400 0000 0x 1000 0000 0x 1100 0000 0x 1200 0000 0x 1300 0000 0x 1400 0000 0x 8000 0000 Max: 15M 4K 512K 512K (124 used) 8*32K 8*4M Max: 192M 0 16M 0 16M 0 16M 0 16M Max: 1728M Max: 2G Parity option/-All data sizes allowed No parity/-All data sizes allowed Parity + EDAC option/-All data sizes allowed 40-bit mode No parity/-No EDAC/-Only byte write Parity + EDAC mandatory/-Only word write No parity/-No EDAC/-Only byte write Parity + EDAC mandatory/-Only word write
The TSC695FL is designed to allow easy interfacing to internal/external memory resources.
Parity + EDAC option/-Only word write Parity/-Only word read/write access
System Registers
The system registers are only writeable by IU in the supervisor mode or by DMA during halt mode. Table 2. System Registers Address Map
System Register Name System Control Register Software Reset Power Down System Fault Status Register Failing Address Register Error & Reset Status Register Test Control Register SYSCTR SWRST PDOWN SYSFSR FAILAR ERRRSR TESCTR Address 0x 01F8 0000 0x 01F8 0004 0x 01F8 0008 0x 01F8 00A0 0x 01F8 00A4 0x 01F8 00B0 0x 01F8 00D0
6
TSC695FL
4204C-AERO-05/05
TSC695FL
Table 2. System Registers Address Map (Continued)
System Register Name Memory Configuration Register I/O Configuration Register Waitstate Configuration Register Access Protection Segment 1 Base Register Access Protection Segment 1 End Register Access Protection Segment 2 Base Register Access Protection Segment 2 End Register Interrupt Shape Register Interrupt Pending Register Interrupt Mask Register Interrupt Clear Register Interrupt Force Register Watchdog Timer Register Watchdog Timer Trap Door Set Real Time Clock Timer Register Real Time Clock Timer Register General Purpose Timer Register General Purpose Timer Register Timers Control Register General Purpose Interface Configuration Register General Purpose Interface Data Register UART 'A' Rx & Tx Register UART 'B' Rx & Tx Register UART Status Register MCNFR IOCNFR WSCNFR APS1BR APS1ER APS2BR APS2ER INTSHR INTPDR INTMKR INTCLR INTFCR WDOGTR WDOGST RTCCR RTCSR GPTCR GPTSR TIMCTR GPICNFR GPIDATR UARTAR UARTBR UARTSR Address 0x 01F8 0010 0x 01F8 0014 0x 01F8 0018 0x 01F8 0020 0x 01F8 0024 0x 01F8 0028 0x 01F8 002C 0x 01F8 0044 0x 01F8 0048 0x 01F8 004C 0x 01F8 0050 0x 01F8 0054 0x 01F8 0060 0x 01F8 0064 0x 01F8 0080 0x 01F8 0084 0x 01F8 0088 0x 01F8 008C 0x 01F8 0098 0x 01F8 00A8 0x 01F8 00AC 0x 01F8 00E0 0x 01F8 00E4 0x 01F8 00E8
Wait-state and Time-out Generator
It is possible to control the wait state generation by programming a Waitstate Configuration Register. The maximum programmable number of wait-states is applied by default at reset. It is possible to program the number of wait states for the following combinations: - - - - RAM read and write PROM read and write (i.e. EEPROM or Flash write) Exchange Memory read/write Four individual I/O peripherals read/write
7
4204C-AERO-05/05
A bus time-out function of 256 system clock cycles is provided for the bus ready controlled memory areas, i.e. the Extended PROM, Exchange Memory, Extended RAM, Extended I/O and the Extended General areas. EDAC The TSC695FL includes a 32-bit EDAC (Error Detection And Correction). Seven bits (CB[6:0]) are used as check bits over the data bus. The Data Bus Parity signal (DPAR) is used to check and generate the odd parity over the 32-bit data bus. This means that altogether 40 bits are used when the EDAC is enabled. The TSC695FL EDAC uses a 7-bit Hamming code which detects any double bit error on the 40-bit bus as a non-correctable error. In addition, the EDAC detects all bits stuck-atone and stuck-at-zero failure for any nibble in the data word as a non-correctable error. Stuck-at-one and stuck-at-zero for all 32 bits of the data word is also detected as a noncorrectable error. Memory and I/O Parity The TSC695FL handles parity towards memory and I/O in a special way. The processor can be programmed to use no parity, only parity or parity and EDAC protection towards memory and to use parity or no towards I/O. The signal used for the parity bit is DPAR. Programming the Memory Configuration Register, the TSC695FL provides chip selects for two redundant memory banks for replacement of faulty banks. * * Unimplemented Areas - Access to all unimplemented memory areas are handled by the TSC695FL and detected as illegal. RAM Write Access Protection - The TSC695FL can be programmed to detect and mask write accesses in any part of the RAM. The protection scheme is enabled only for data area, not for the instruction area. The programmable write access protection is based on two segments. Boot PROM Write Protection - The TSC695FL supports a qualified PROM write for an 8-bit wide PROM and/or for a 40-bit wide PROM.
Memory Redundancy
Memory Access Protection
*
DMA
DMA Interface The TSC695FL supports Direct Memory Access (DMA). The DMA unit requests access to the processor bus by asserting the DMA request signal (DMAREQ). When the DMA unit receives the DMAGNT signal in response, the processor bus is granted. In case the processor is in the power-down mode the processor is permanent tri-stated, and a DMAREQ will directly give a DMAGNT. The TSC695FL includes a DMA session timeout function. The TSC695FL always has the lowest priority on the system bus. A trap is a vectored transfer of control to the supervisor through a special trap table that contains the first four instructions of each trap handler. The base address of the table is established by supervisor and the displacement, within the table, is determined by the trap type. Two categories of traps can appear.
Bus Arbiter
Traps
8
TSC695FL
4204C-AERO-05/05
TSC695FL
Synchronous Traps Table 3. Synchronous Traps
Trap Priority Trap Type (tt) Comments Sources: SYSRESET* pin software reset watchdog reset IU or System error reset Severe error requiring a re-boot TSC695FL enters (if not masked) in halt or reset mode. Error not removable, PC & nPC OK TSC695FL enters (if not masked) in halt or reset mode. Special case of non-restartable, precise error. TSC695FL enters (if not masked) in halt or reset mode. Retrying instruction but PC & nPC have to be re-adjusted TSC695FL enters (if not masked) in halt or reset mode. Retrying instruction TSC695FL enters (if not masked) in halt or reset mode. Parity error on control bus Parity error on data bus Parity error on address bus Access to protected or unimplemented area Uncorrectable error in memory Bus time out Bus error During SAVE instruction or trap taken During RESTORE instruction or RETT instruction Severe error, cannot restart the instruction. Parity error on FPU data bus. Can be removed restarting the instruction. Invalid operation Division by zero Overflow Underflow Inexact
Reset
1
-
Non-restartable, imprecise error Non-restartable, precise error Register file error Hardware Error Restartable, late error Restartable, precise error 2
2.1 2.2 2.3 2.4 2.5
64h 62h 65h 63h 61h
Instruction access (Error on instruction fetch)
3
01h
Illegal Instruction Privileged instruction FPU disabled Overflow Window Underflow Memory address not aligned Non-restartable error Data bus error Restartable error Sequence error Unimplemented FPop FPU exception
4 5 6
02h 03h 04h 05h
7 06h 8 9.1 9.2 9.3 9.4 9.5 07h
IEEE exceptions:
9
9.6
08h
9
4204C-AERO-05/05
Table 3. Synchronous Traps (Continued)
Trap Data access exception (Error on data load) Tag overflow Trap instructions Priority 10 11 12 Trap Type (tt) Comments 09h 0Ah 80h to FFh Idem "instruction access" System register access violation TADDccTV and TSUBccTV instructions Trap on integer condition codes (Ticc)
Table 4. Interrupts or Asynchronous Traps
Trap Watchdog time-out External INT 4 Real time clock timer General purpose timer External INT 3 External INT 2 DMA time-out DMA access error UART Error Correctable error in memory UART B UART A Data ready Transmitter ready Data ready Transmitter ready Priority 13 14 15 16 17 18 19 20 21 22 23 24 25 26
Trap Type (tt) Comments
1Fh 1Eh 1Dh 1Ch 1Bh 1Ah 19h 18h 17h 16h 15h 14h 13h 12h
Internal or external (EWDINT pin) EXTINTAK on only one of EXTINT[4:0] EXTINTAK on only one of EXTINT[4:0] EXTINTAK on only one of EXTINT[4:0] Data read OK but source not updated EXTINTAK on only one of EXTINT[4:0] EXTINTAK on only one of EXTINT[4:0] Logical OR of: IU hardware error masked IU error mode masked System hardware error masked
External INT 1 External INT 0
Masked hardware errors
27
11h
It is possible to mask each individual interrupt (except Watchdog time-out). The interrupts in the Interrupt Pending Register are cleared automatically when the interrupt is acknowledged. By programming the Interrupt Shape Register, it is possible to define the external interrupts to be either active low or active high and to define the external interrupts to be either edge or level sensitive.
10
TSC695FL
4204C-AERO-05/05
TSC695FL
Timers
General Purpose Timer In software debug mode the timers are controlled by a system register bit and the external pin DEBUG. The General Purpose Timer (GPT) provides, in addition to a generalized counter function, a mechanism for setting the step size in which actual time counts are performed. GPT is clocked by the internal system clock. They are possible to program to be either of single-shot type or periodical type and in both cases generate an interrupt when the delay time has elapsed. The current value of the scaler and counter of the GPT can be read. Real Time Clock Timer The only functional differences between the two timers are that the Real Time Clock Timer (RTCT) has an 8-bit scaler (16-bit scaler for GPT) and that the RTCT interrupt has higher priority than the GPT interrupt. RTCT information is available on RTC output pin. Watchdog Timer Setting the external pin IWDE to Vcc enables the internal watchdog timer. Otherwise the watchdog function must be externally provided. The watchdog is supplied from a separate external input (WDCLK). After reset, the timer is enabled and starts running with the maximum range. If the timer is not refreshed (reprogrammed) before the counter reaches zero value, an interrupt is sent. Simultaneously, the timer starts counting a reset time-out period. If the timer is not acknowledged before the reset time-out period elapses, a reset is applied to TSC695FL.
UARTs
Two full duplex asynchronous receiver transmitters (UART) are included. In software debug mode the UART's are controlled by system register bits. The data format of the UART's is eight bits. It is possible to choose between even or odd parity, or no parity, and between one and two stop bits. The UART's provide double buffering, i.e. each UART consists of a transmitter holding register, a receiver holding register, a transmitter shift register, and a receiver shift register. Each of these registers are 8-bit wide. For each UART a RX and TX Register is provided. The UART's generate an interrupt each time a byte has been received or a byte has been sent. There is another interrupt to indicate errors. The baud rate of both the UART's is programmable. The clock is derived either from the system clock or can use the watchdog clock.
General Purpose Interface
The General Purpose Interface (GPI) is an 8-bit parallel I/O port. Each pin can be configured as an input or an output. A falling or rising edge detection is made on each selected GPI inputs. Every input transition on GPI generates an external positive pulse on GPIINT pin of two SYSCLK width.
Execution Modes
Reset Mode Reset mode is entered when: - - - - The SYSRES input is asserted Software reset which is caused by the software writing to a Software Reset Register, Watchdog reset which is caused by a Watchdog counter time-out Error reset which is caused by a hardware parity error
11
4204C-AERO-05/05
This RESET output has a minimum of 1024 SYSCLK width to allow the usage of flash memories. The error and Reset Status Register contain the source of the last processor reset. Run Mode In this mode the IU/FPU is executing, while all peripherals are running (if software enabled). System Halt mode is entered when the SYSHALT input is asserted. In this mode, the IU and FPU are frozen, while the timers (includeing the internal watchdog timer) and UART's are stopped. This mode is entered by writing to the Power Down Register. In this mode, the IU and FPU are frozen. The TSC695FL leaves the power-down mode if an external interrupt is asserted. Error Halt mode is entered under the following circumstances: - - A internal hardware parity error. The IU enters error mode.
System Halt Mode
Power Down Mode
Error Halt Mode
The only way to exit Error Halt Mode is through Cold Reset by asserting SYSRESET.
Error Handler
The TSC695FL has one error output signal (SYSERR) which indicates that an unmasked error has occurred. Any error signalled on the error inputs from the IU and the FPU is latched and reflected in the Error and Reset Status Register. By default, an error leads to a processor halt. The TSC695FL includes: - - - - - Parity checking and generation (if required) on the external data bus, Parity checking on the external address bus, Parity checking on ASI and SIZE, Parity checking and generation on all system registers, Parity generation and checking on the internal control bus to the IU,
Parity Checking
All external parity checking can be disabled using the NOPAR signal.
System Clock
The TSC695FL uses CLK2 clock input directly and creates a system clock signal by dividing CLK2 by two. It drives SYSCLK pin with a nominal 50% duty cycle for the application. It is highly recommended that only SYSCLK rising edge is used as reference as far as possible. The SYSAV bit in the Error and Reset Status Register can be used by software to indicate system availability. The TSC695FL includes a number of software test facilities such as EDAC test, Parity test, Interrupt test, Error test and a simple Test Access Port. These test functions are controlled using the Test Control Register.
System Availability Test Mode
12
TSC695FL
4204C-AERO-05/05
TSC695FL
Test and Diagnostic Hardware Functions
Test Access Port
A variety of TSC695FL test and diagnostic hardware functions, including boundary scan, internal scan, clock control and On-chip Debugger, are controlled through an IEEE 1149.1 (JTAG) standard Test Access Port (TAP). The TAP interfaces to the JTAG bus via 5 dedicated pins on the TSC695FL chip. These pins are: - - - - - TCK (input): Test Clock TMS (input): Test Mode Select TDI (input): Test Data Input TDO (output): Test Data Output TRST (input): Test Reset
Instruction Register
Five standard instructions are supported by the TSC695FL TAP.
Binary Value 00. 0000 00. 0001 00. 0011 11. 1111 10. 0000 Name of Instruction EXTEST SAMPLE/PRELOAD INTEST BYPASS IDCODE Data Register Boundary Scan Register Boundary Scan Register Boundary Scan Register Bypass Register Device ID Register Scan Chain Accessed Boundary scan chain Boundary scan chain Boundary scan chain Bypass register ID register scan chain
Debugging
The design is highly testable with the support of an On-Chip Debugger (OCD), an internal and boundary scan through JTAG interface.
13
4204C-AERO-05/05
Electrical Characteristics
Absolute Maximum Ratings
Military Range............................................... -55C to +125C Storage Temperature ..................................... -65C to +150C Supply Voltage...................................................-0.5V to +7.0V Input Voltage......................................................-0.5V to +7.0V Note: Stresses at or above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability.
DC Characteristics
Table 5. DC Characteristics at VDD 3.3V 0.15V
Symbol VIL trigger VIH trigger VT VIL TTL VIH TTL VOL400 pF VOH400 pF VOL150 pF VOH150 pF Parameter Input Low Voltage for trigger input Input High Voltage for trigger input Input Hysteresis for trigger input Input Low Voltage for TTL input Input High Voltage for TTL input Output Low Voltage for 400 pF buffer Output High Voltage for 400 pF buffer Output Low Voltage for 150 pF buffer Output High Voltage for 150 pF buffer Operating Supply Current for core processor Power Down Supply Current for core processor Low Level Input Current High-Level Input Current Low Level Input Pull-up Current Min - 1.5 - - 2 Typ - - 0.3 - - Max 1 - - 0.8 - Unit V V V V V Test Conditions VCC = 3.15 to 3.45V VCC = 3.15 to 3.45V VCC = 3.15 to 3.45V VCC = 3.15 to 3.45V VCC = 3.15 to 3.45V VCC = 3.15 to 3.45V IOL = 9 mA VCC = 3.15 to 3.45V IOH = -6 mA VCC = 3.15 to 3.45V IOL = 3 mA VCC = 3.15 to 3.45V IOH = -2 mA VCC = 3.45V, f = 15 MHz VCC = 3.45V, f = 15 MHz VCC = 3.45V, VIN = 0 VCC = 3.45V; VIN = VCC VCC = 3.45V; VIN = 0
-
-
0.4
V
2.4
-
-
V
-
-
0.4
V
2.4
-
-
V
IccOP IccPD
IIL IIH IILPU
- - -10 -10 10
- - - - -
100 10 10 10 350
mA mA A A A
14
TSC695FL
4204C-AERO-05/05
TSC695FL
Capacitance Ratings
Parameter CIN COUT CIO Description Input Capacitance Output Capacitance Input/Output Capacitance Max 7 pF 8 pF 8 pF
AC Characteristics
Table 6. AC Characteristics (SYSCLK Freq. = 15 MHz - 3.3V 0.15V) Cload = 50 pF, Vref = VCC/2
Parameter t1 t2 t3 t4_1 t4_2 t5 t6 t7 Min (ns) 33 66 16 - - - - - Max (ns) - - - 10 16 18 18 36.5 Comment CLK2 period SYSCLK period CLK2 high and low pulse width RA(31:0) RAPAR RSIZE RLDSTO output delay LOCK Output delay MEMCS*(9:0) ROMCS* EXMCS* output delay DDIR DDIR* output delay MEMWR* IOWR*output delay formula: 20 ns + 1/4 t2 OE* HL output delay formula: 15 ns + 1/4 t2 Data setup time during load Reference Edge - - - SYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+
SYSCLK- or SYSCLK+
t8 t9_1 t9_2 t10 t11 t12 t13 t14 t15 t16 t17 t20 t21 t22
- 16 13 7 - 18 - - - - - - 15 0
31.5 - - - 44 - 30 25 32.5 20 20 20 - -
SYSCLK+ SYSCLK+
Data setup time during load NOPAR = 0 rpa = rec = either 0 or 1 SYSCLK+ Data hold time during load Data output delay Data output valid to HZ - guaranteed by design CB output delay ALE* output delay BUFFEN* HL output delay formula: 16 ns + 1/4 t2 MHOLD* output delay - guaranteed by design MDS* DRDY* output delay MEXC* output delay RASI(3:0) RSIZE(1:0) RASPAR setup time RASI(3:0) RSIZE(1:0) RASPAR hold time SYSCLK+ SYSCLKSYSCLK+ SYSCLK+ SYSCLK-
SYSCLK+ SYSCLK+ SYSCLK+ SYSCLKSYSCLK+ SYSCLK+
15
4204C-AERO-05/05
Table 6. AC Characteristics (SYSCLK Freq. = 15 MHz - 3.3V 0.15V) Cload = 50 pF, Vref = VCC/2 (Continued)
Parameter t23 t24 t25 t27 Min (ns) - 15 0 - Max (ns) 20 - - 20 Comment BOOT PROM address output delay BUSRDY* setup time BUSRDY* hold time Reference Edge SYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ HL SYSCLK- LH
IOSEL output delay DMAAS setup time formula of max: 1/2 t2 DMAAS hold time formula of max: 1/2 t2 DMAREQ* setup time DMAGNT* output delay RA(31:0) RAPAR CPAR setup time RA(31:0) RAPAR CPAR hold time TCK period TMS setup time TMS hold time TDI setup time TDI hold time TDO output delay INULL output delay RESET* CPUHALT* output delay SYSERR* SYSAV output delay IUERR* output delay EXTINT(4:0) setup time EXTINT(4:0) hold time EXTINTACK output delay OE* LH output delay (no DMA mode) BUFFEN* LH output delay INST output delay Data output delay to low-Z - guaranteed by design formula: 14 ns + 1/4 t2
t28
15
33
SYSCLK+
t29 t30 t31 t32 t33 t36 t37 t38 t39 t40 t41 t46 t48 t49 t50 t52 t53 t54 t56 t57 t60 t61
0 15 - 15 0 100 10 4 10 10 - - - - - 15 0 - - - - 30.5
33 - 20 - - - - - - - 20 35 35 20 35 - - 20 14 15 35 -
SYSCLKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ - TCK+ TCK+ TCK+ TCK+ TCKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ SYSCLKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+
SYSCLK+
16
TSC695FL
4204C-AERO-05/05
TSC695FL
Figure 3. 150 pF Buffer Response (Data from simulation)
DTplh (Vref Vcc/2) Table 1 : Pad 150pF - 3,15V up to 3,45V Cload DTplh min DTplh typ DTplh max 50 0 0 0 100 2,7 4,05 7,25 150 5,2 8,4 14,35 200 7,95 12,5 21,45 250 10,65 16,75 28,55
Tplh derating vs 50pF (ns)
30 25 20 15 10 5 0 50 100 150 200 250 Cload (pF)
DTplh Typ DTplh Min DTplh Max
Table 2 : Pad 150pF - 3,15V up to 3,45V Cload DTphl min DTphl typ DTphl max 50 0 0 0 100 2,65 3,5 5,7 150 5 6,95 11,15 200 7,35 10,45 15,6 250 9,95 13,85 18,45
Tphl derating vs 50pF (ns)
DTphl (Vref Vcc/2)
20 15 10 5 0 50 100 150 200 250 Cload (pF)
DTphl Min DTphlTyp DTphl Max
Trise (Vref 10%-90%Vcc) Table 3 : Pad 150pF - 3,15V up to 3,45V Cload Trise min Trise typ Trise max 50 4,95 7,3 12,55 100 8,4 13,15 23,5 150 12,25 19,3 34,3 200 15,9 25,55 45,3 250 19,85 31,8 56,4
60 50 Trise (ns) 40 30 20 10 0 50 100 150 200 250 Cload (pF)
Trise Min Trise Typ Trise Max
Tfall (Vref 10%-90%Vcc)
60
Table 4 : Pad 150pF - 3,15V up to 3,45V Cload Tfall min Tfall typ Tfall max 50 4,45 6,1 11,45 100 7,2 12 21,85 150 11,35 18,25 32,45 200 15,8 24,8 43,1 250 20,35 31,4 53,65
Tfall (ns)
50 40 30 20 10 0 50 100 150 200 250 Cload (pF)
Tfall Min Tfall Typ Tfall Max
17
4204C-AERO-05/05
Figure 4. 400 pF Buffer Response (Data from simulation)
Tplh derating vs 50pF (ns)
DTplh (Vref Vcc/2) Table 5 : Pad 400pF - 3,15V up to 3,45V Cload DTplh min DTplh typ DTplh max 50 0 0 0 100 2,8 3,65 5,4 150 5,1 6,55 10,4 200 6,95 9,65 15,2 250 8,9 12,5 20,05
25 20 15 10 5 0 50 150 250 350 450 Cload (pF)
DTplh Typ DTplh Min DTplh Max
Tphl derating vs 50pF (ns)
DTphl (Vref Vcc/2) Table 6 : Pad 400pF - 3,15V up to 3,45V Cload DTphl min DTphl typ DTphl max 50 0 0 0 100 3,6 3,9 5,1 150 6,3 6,95 9,7 200 8,85 10 14,1 250 11,5 12,95 18,25
20 15 10 5 0 50 150 250 350 450 Cload (pF)
DTphl Min DTphlTyp DTphl Max
Trise (Vref 10%-90%Vcc) Table 7 : Pad 400pF - 3,15V up to 3,45V Cload Trise min Trise typ Trise max 50 3 3,9 5,7 100 5,8 7,7 12,2 150 8,1 11,6 19,15 200 10,7 15,5 26,25 250 13,15 19,5 33,65
Trise (ns)
40 30 20 10 0 50 150 250 350 450 Cload (pF)
Trise Min Trise Typ Trise Max
Tfall (Vref 10%-90%Vcc) Table 8 : Pad 400pF - 3,15V up to 3,45V Cload Tfall min Tfall typ Tfall max 50 2,95 3,55 5 100 5,5 6,85 10,9 150 7,85 10,35 17,75 200 10,5 14,3 25 250 13,45 18,55 32,35
35 30 25 20 15 10 5 0 50 150 250 350 450 Cload (pF) Tfall (ns)
Tfall Min Tfall Typ Tfall Max
18
TSC695FL
4204C-AERO-05/05
TSC695FL
Figure 5. OE*/400 pF Buffer Response (Data from simulation)
Tplh derating vs 50pF (ns)
DTplh (Vref Vcc/2) Table 9 : Pad 400pF - OE* - 3,15V up to 3,45V Cload DTplh min DTplh typ DTplh max 50 0 0 0 100 2,75 3,7 5,35 150 5,1 6,6 10,35 200 6,95 9,7 15,2 250 8,9 12,55 20,05
25 20 15 10 5 0 50 150 250 350 450 Cload (pF)
DTplh Typ DTplh Min DTplh Max
Tphl derating vs 50pF (ns)
DTphl (Vref Vcc/2) Table 10 : Pad 400pF - OE* - 3,15V up to 3,45V Cload DTphl min DTphl typ DTphl max 50 0 0 0 100 2,95 3,45 4,7 150 5,1 6,1 8,75 200 6,95 8,6 12,7 250 8,7 11,1 16,45
20 15 10 5 0 50 150 250 350 450 Cload (pF)
DTphl Min DTphlTyp DTphl Max
Trise (Vref 10%-90%Vcc) Table 11 : Pad 400pF - OE* - 3,15V up to 3,45V Cload Trise min Trise typ Trise max 50 3 3,9 5,7 100 5,8 7,7 12,2 150 8,1 11,6 19,15 200 10,7 15,5 26,25 250 13,15 19,5 33,65
Trise (ns)
40 30 20 10 0 50 150 250 350 450 Cload (pF)
Trise Min Trise Typ Trise Max
Tfall (Vref 10%-90%Vcc) Table 12 : Pad 400pF - OE* - 3,15V up to 3,45V Cload Tfall min Tfall typ Tfall max 50 2,45 3,25 4,7 100 4,7 6,1 10,05 150 6,4 9,15 16,25 200 8,5 12,45 23,15 250 10,55 16,2 30,2
Tfall (ns)
35 30 25 20 15 10 5 0 50 150 250 350 450 Cload (pF)
Tfall Min Tfall Typ Tfall Max
19
4204C-AERO-05/05
Timing Diagrams
Figure 6. RAM Fetch, RAM Load and RAM Store Sequence - n Waitstates for Read, m Waitstates for Write
20
2 (RAM load) t1 t3 t3 3 (RAM fetch) 4 (RAM store) 5 (RAM fetch) n ws t2 n ws n ws m ws n ws t4_1
LA1 FA2 SA1
1 (RAM fetch)
CLK2
SYSCLK t4_1 t4_1 t4_1
FA3
TSC695FL
t14 t5 t5 t5 t5 t6 t6 t7 t7 t8 t56 t56 t8 t10 t9
FD1 LD1 FD2 previous stored data
RA [31:0]
FA1
t14
ALE
MEMCS* [0]
MEMCS* [1]
ROMCS*
DDIR
MEMWR*
BUFFEN*
OE* t11 t61
SD1
t12
FD3
D [31:0] t10 t9
FP1 LP1 FP2
t11 t61
SP1 previous stored parity
t12
FP3
DPAR t10 t9
FC1 LC1
t61
FC2 previous stored checkbyte
t13
SC1
t12
FC3
CB [6:0] t60 t60
t60
t60
INST t16 t16
MHOLD* t17 t17 t17 t17 t17 t17 t17
4204C-AERO-05/05
MDS*
1 (RAM fetch) t2
4204C-AERO-05/05
2 (RAM atomic load store) 3 (RAM fetch)
SYSCLK
t4_1
ALSA
t4_1
FA5
RA [31:0]
FA1
ALE* t5 t5
MEMCS* [0] t5 t5
MEMCS* [1] t6 t6 t6 t6
DDIR t7 t7
MEMWR*
BUFFEN* t8 t56 t8 t56 t8
OE* t10 t9
FD1 byte from RAM word from RAM word to RAM
t10 t61 t9 t11 t12
FD5
Figure 7. RAM "Atomic-load-store" byte Sequence - 0 Waitstate
D [31:0] t10 t9
FP1
t10 t61 t9 t11 parity to RAM t13 checkbyte from RAM checkbyte to RAM t60 t12
FC5
t12
FP5
DPAR
parity from RAM
t10 t9
FC1
parity from RAM t10 t61 t9
CB [6:0] checkbyte from RAM t60
INST t16
held to update the full word
t16
MHOLD*
MDS* t46 t46
INULL
t4_1 t4_2
t4_1
RLDSTO
t4_2
TSC695FL
LOCK
21
Figure 8. RAM Load-double and RAM Store-double Sequence - 0 Waitstate
22
2 (RAM double load) t2 3 (RAM fetch) 4 (RAM double store) 5 (RAM fetch)
t4_1
LA1 LA2 FA2 SA1 SA2
1 (RAM fetch)
SYSCLK
t4_1 t4_1 t4_1 t4_1 t4_1
FA3
RA [31:0]
FA1
TSC695FL
t5 t5 t5 t5 t5 t5 t5 t5 t6 t6 t7 t7 t7 t7 t8 t56 t8 t56 t8 t9 t61
FD2
ALE*
MEMCS* [0]
MEMCS* [1]
DDIR
MEMWR*
BUFFEN*
OE* t10 t11
SD1 LD1 LD2
t11
SD2
t12
FD3
D [31:0]
FD1
t9 t61
FP2
t10 t11
LP1 LP2
t11
SP1 SP2
t12
FP3
DPAR
FP1
t9 t61
FC2 FC1 LC1 LC2
t10
t13
SC1
t13
SC2
t12
FC3
CB [6:0] t60
t60
INST t16 t16
MHOLD*
MDS* t46 t46
INULL
t4_2 t4_2
4204C-AERO-05/05
LOCK
1 (RAM fetch) load t2 internal error correction
4204C-AERO-05/05
2 (RAM load correctable data)
3 (RAM fetch)
4 (RAM fetch)
SYSCLK t14 t14
ALE*
t4_1 t4_1 t4_1
RA[31-0] FA1 t5 t5 LA1 FA2
FA3
MEMCS*[0] t5 t5
MEMCS*[1]
DDIR
MEMWR*
IOWR* t8 t56 t56 t8
Figure 9. RAM Load with Correctable Error - 0 Waitstate
OE*
BUFFEN* t9 FD1 FC1 FP1 t16 LP1 1-bit error on 40-bit data LC1 FC2 FP2 t16 FD2 t10 t9
D[31-0]
t10 LD1
FD2
FD3
data correction made inside
FC2 FP2 FC3 FP3
CB[6-0]
DPAR
MHOLD*
MEXC* t17 t17
MDS* t60 t60
INST
TSC695FL
INULL
23
Figure 10. RAM Load with Uncorrectable Error - 0 Waitstate
24
2 (RAM load) load t2 internal error detection exception trap 3 (RAM fetch) 4 (null cycle) 5 (RAM fetch) 6 (RAM fetch) t14 t14
t4_1 t4_1 t4_1 t4_1
1 (RAM fetch)
SYSCLK
ALE*
TSC695FL
LD1 t5 t5 FA2 FA3 TA1 TA2 t5 t5 t8 t56 t8 t56 t10 t9 FD1 FC1 FP1 t16 LP1 2-bit error on 40-bit data FP2 FP2 t16 LC1 FC2 FC2 LD1 FD2 FD2 t9 FD2 FC2 FP2 FD3 FC3 FP3 TD1 TC1 TP1 TD2 TC2 TP2 t10 t20 t20 t17 t17 t60 t60 t60 t60 t46 t46
RA[31-0]
FA1
MEMCS*[0]
MEMCS*[1]
DDIR
MEMWR*
IOWR*
OE*
BUFFEN*
D[31-0]
CB[6-0]
DPAR
MHOLD*
MEXC*
MDS*
INST
4204C-AERO-05/05
INULL
1 (RAM fetch) internal error fetch trap
4204C-AERO-05/05
2 (RAM load)
3 (RAM fetch)
4 (null cycle)
5 (RAM fetch)
6 (RAM fetch)
t2
SYSCLK
ALE*
t4_1 t4_1
RA[31-0] FA1 t5 t5 FA2 FA3 TA1
unimplemented address LA1
TA2
MEMCS*[0]
MEMCS*[1]
DDIR
MEMWR*
IOWR*
BUFFEN* t56 t8 t8 t56
Figure 11. RAM Load with Unimplemented Area Access - 0 Waitstate
OE* t9 no data t16 t16 t9
D[31-0]
t10 FD1
t10 FD2
FD3
TD1
TD2
MHOLD* t20 t20
MEXC* t17 t17
MDS* t60 t60 t60 t60
INST t46 t46
TSC695FL
INULL
25
Figure 12. I/O Store Sequence with BUSRDY* and n Waitstates (Timing for 0 Waitstate = Timing for 1 Waitstates)
26
start of cycle (n-1) ws t2 rdy waiting end of cycle 2 (i/o store) 3 (RAM fetch)
t4_1 t4_1
1 (RAM fetch)
SYSCLK
ALE*
TSC695FL
SA1 FA2
t4_1
RA[31-0] t5
FA1
t5
MEMCS*[0] t27 t27
IOSEL*[0] t25 t24 t24
BUSRDY* t6 t6
DDIR
MEMWR* t7 t7
IOWR* t15 t57
BUFFEN* t56 t8
OE* t10 t61 t9 t11
FD1 previous stored data SD1
t12
FD2
D[31-0] t60
t60
INST t16 t16
MHOLD*
4204C-AERO-05/05
MDS*
1 (RAM fetch) start of cycle (n-1) ws t2 rdy waiting end of cycle
4204C-AERO-05/05
2 (i/o load)
3 (RAM fetch)
SYSCLK t14 t14
ALE* t4_1
LA1
t4_1
FA2
RA[31-0] t5
FA1
t5
MEMCS*[0] t27 t27
IOSEL*[0] t25 t24 t24
BUSRDY*
DDIR
MEMWR*
IOWR* t15 t57
BUFFEN* t8 t56 t8
t56
OE* t10 t9
FD1
data driven by external buffers (c.f BUFFEN*)
t9
LD1
t10
FD2
D[31-0] t60 t60
Figure 13. I/O Load Sequence with BUSRDY* and n Waitstates (Timing for 0 ws = Timing for 1 ws)
INST t16 t16
MHOLD* t17 t17
TSC695FL
MDS*
27
Figure 14. EXCHANGE RAM Store with BUSDRY* and n Waitstates
28
2 (xchgram store) start of cycle t2 rdy waiting in between n ws end of cycle 3 (RAM fetch) t4_1 SA1 t5 t5 t4_1 FA2 t5 t5 t6 t6 t7 t7 t7 t7 t15 t57 t56 t8 t25 t24 t24 t61 FD1 previous stored data t60 t60 t11 SD1 t12 FD2 t16 t16
1 (RAM fetch)
SYSCLK
TSC695FL
ALE*
RA[31-0]
FA1
MEMCS*[0]
EXMCS*
DDIR
MEMWR*
IOWR*
BUFFEN*
OE*
BUSRDY*
D[31-0]
INST
MHOLD*
4204C-AERO-05/05
MDS*
4204C-AERO-05/05
1 (RAM fetch) start of cycle t2 rdy waiting n ws end of cycle
2 (xchgRAM load)
3 (RAM fetch)
SYSCLK t14 t14
ALE*
t4_1 t4_1
RA[31-0] LA1 t5
FA1
FA2 t5
MEMCS*[0] t5 t5
EXMCS*
DDIR
MEMWR*
IOWR* t15 t57
Figure 15. EXCHANGE RAM Load with BUSDRY* and n Waitstates
BUFFEN* t56 t24 t24 t25 t8
OE* t24 t25
BUSRDY* t9 FD1 data driven by external buffers (c.f BUFFEN*) t60 t60 LD1 t10 FD2
D[31-0]
INST t16 t16
MHOLD* t17 t17
TSC695FL
MDS*
29
Figure 16. 8-bit BOOT PROM Fetch (or Load Word) - n Waitstates
30
2 (8-bit rom fetch or load word) start of cycle t2 byte 0 (n-1) ws end of cycle byte 1 (n-1) ws byte 2 (n-1) ws byte 3 (n-1) ws 3 (rom fetch) t14 t4
1 (rom fetch)
SYSCLK
TSC695FL
t4_1
10
ALE*
t4_1 t4_1
FA2 t23 0 1 2 3 t23 t23 (address mod. 4) t23 0 t5 FA2
RSIZE[0,1]
t4_1
RA[31-0]
FA1
BA[0,1] t5 t5
ROMCS*
MEMCS*[0]
DDIR
MEMWR* t15 t57 t15
BUFFEN* t8 data driven by external buffers (c.f BUFFEN*) t10 t9 FD2-0 t60 (1 = fetch, t16 t16 0 = load word) t16 t9 FD2-1 t10 t9 FD2-2 t10 t56 t8
OE*
D[31-8]
D[7-0]
t10 t9 FD2-3 t60
INST
MHOLD* t17 t17 t17
4204C-AERO-05/05
MDS*
1 (RAM fetch) start of cycle (n-1) ws t2 (n-1) ws start of cycle
4204C-AERO-05/05
2 (8-bit rom write)
3 (RAM fetch)
4 (8-bit rom write)
5 (RAM fetch)
SYSCLK
ALE*
t4_1
SA1 t23 00 01 addr.=mod. 4 FA2 SA2 addr.=mod. 4 +1
t4_1
t4_1
RA[31-0]
FA1
t4_1 FA3
t23 00
BA[0,1]
t4_1
00 t5 t5 t5 10 00
t4_1
t4_1
t4_1
10 t5
RSIZE[0,1]
10
MEMCS*[0] t5 t5 t5 t5
Figure 17. 8-bit BOOT PROM 2x Store byte - n Waitstate
ROMCS* t6 t6 t6 t6
DDIR t7 t7 t7 t7
MEMWR*
IOWR* t15 t57 t15 t57
BUFFEN* t56 t8 t56
OE* t61 t11 FD1 t60 t12 t9 FD2 t60 t60 byte D[7:0] SD1 t61 t11 t12 byte D[7:0] SD2
t9
D[31-0]
INST t16 t16 t16 t16
MHOLD*
TSC695FL
MDS*
31
Figure 18. DMA RAM load with or without Correctable Error and DMA RAM Store - 0 Waitstates
32
3 (DMA session) (0 cycle min) 1st DMA load (0 ws) (0 cycle min) nth DMA store (0 ws) lead-out t2 t14 t14 t14 t32 D SAn (held to the end of RAM access) t22 t33 t32 t33 t14 4 (RAM fetch) 5 (RAM fetch) cont'
1 (RAM fetch) 2 (RAM fetch) (null cycle)lead-in
SYSCLK
ALE*
TSC695FL
t4_1 FA2 t4_1
t21 D SSn t22 t30 early time for DMAREQ* desassertion t31 t28 t31 t31 t5 t17 t8 t56 t7 corrected data if needed t6 t7 t6 t17 t5 t17 t17 t8 t56 t32 t33 t32 t33 t32 t33 t32 t33 t29 t28 t29 t31 t31 t5 t5 t21 10 (only word access)
t4_1
RA[31-0]
FA1
t4_1 FA2 t4_1 FS2 t4_1 FZ2
FA3 FS3 FZ3
RASI[3-0]
FS1
t4_1 FS2 t4_1
t21 10 (only word access) t22
D LA1 (held to the end of RAM access) t22 t21 D LS1
RSIZE[1-0]
FZ1
t4_1 FZ2
t30 t31
DMAREQ*
DMAGNT*
DMAAS
RD
WRT
(pull-up on WE*)
t5
MEMCS*[9-0]
DRDY*
OE*
MEMWR*
DDIR
D[31-0]
t10 t9 FD1
DPAR
t10 t9 FP1
CB[7-0] t16
t10 t9 FC1
t10 t10 t9 t9 t10 t9 t11 t12 D LD1 D LD1 FD2 D SDn (from RAM) (from TSC695FL) (held to the end of RAM access) t10 t10 t9 t9 t11 t12 t13 t13 D LP1 D LP1 FP2 DSPn (from RAM) Parity generated by TSC695FL if dpe =1, (from TSC695FL) else, same timing as D[31-0] t10 t10 corrected parity if needed t13 t9 t9 t13 D SCn D LC1 FC2 (from RAM) t16
4204C-AERO-05/05
MHOLD*
4204C-AERO-05/05
Sampled Latched Taken
Figure 19. Edge Triggered Interrupt Timing
Prioritized
SYSCLK FA(-1) FA0 FA1 FA2 FA3 FA4 TTA0 TTA1 TSA0 TSA1 TSA2
RA[31:0]
ALE* FD(-1) FD0 FD1 FD2 FD3 FD4 TD0 TD1 TSD0 TSD1
D[31:0]
INULL t52 t53
EXTINT[i] t54 t54
EXTINTACK
TSC695FL
33
Figure 20. Halt Timing
34
TSC695FL
FAn-1 09H 10 t14 t14 10 10 10 09H 09H 09H FAn FAn+1 FAn+1 FAn+2 09H 10 t16 t16 t49 t49 t48 t48 FDn-1 FDn
FDn+1 FDn+2
SYSCLK
RA[31:0]
RASI[3:0]
RSIZE[1:0]
ALE*
SYSHALT*
MHOLD*
SYSAV
CPUHALT*
D[31:0]
4204C-AERO-05/05
4204C-AERO-05/05
SYSCLK FAn-1 09H 10 t14 10 10 09H 09H FAn FAn+1
RA[31:0]
RASI[3:0]
Figure 21. External Error with Halt Timing
RSIZE[1:0]
ALE* t50 t50
IUERR*
t49
SYSERR*
t16
MHOLD*
t49
SYSAV
t48
CPUHALT*
D[31:0] FDn-1
FDn
TSC695FL
35
Figure 22. Reset Timing
36
FA n
TSC695FL
FA n+1 0H 4H 8H
t14 t14 t46 t47
SYSCLK
SYSRESET*
RA[31:0]
RASI[3:0]
RSIZE[1:0]
ALE*
INULL
t48
t48
RESET*
4204C-AERO-05/05
TSC695FL
Figure 23. External Error signaling with BUSERR* and BUSRDY*
1 SYSCLK
2
3
4
t24 BUSRDY* t24 BUSERR*
t25
t25
t100
t20 MEXC*
37
4204C-AERO-05/05
TSC695FL
Package Drawings
256-lead MQFP-F
37
4204C-AERO-05/05
256-lead MQFP-F Pin Assignments
Table 7. Pin Assignments
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Signal GPIINT GPI[7] VCCO VSSO GPI[6] GPI[5] GPI[4] GPI[3] VCCO VSSO GPI[2] GPI[1] GPI[0] D[31] D[30] VCCO VSSO D[29] D[28] VCCI VSSI D[27] D[26] VCCO VSSO D[25] D[24] D[23] D[22] VCCO VSSO D[21] D[20] Pin 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 Signal D[0] RSIZE[1] RSIZE[0] RASI[3] VCCO VSSO RASI[2] RASI[1] RASI[0] RA[31] RA[30] VCCO VSSO RA[29] RA[28] RA[27] VCCO VSSO RA[26] RA[25] RA[24] VCCI VSSI VCCO VSSO RA[23] RA[22] RA[21] VCCO VSSO RA[20] RA[19] RA[18] Pin 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 Signal RA[0] VCCO VSSO RAPAR RASPAR DPAR VCCO VSSO SYSCLK TDO TRST TMS TDI TCK CLK2 DRDY DMAAS VCCO VSSO DMAGNT EXMCS VCCI VSSI DMAREQ BUSERR BUSRDY ROMWRT NOPAR SYSHALT CPUHALT VCCO VSSO SYSERR Pin 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 Signal DXFER MEXC VCCO VSSO RESET SYSRESET BA[1] BA[0] CB[6] CB[5] VCCO VSSO CB[4] CB[3] CB[2] CB[1] VCCO VSSO CB[0] ALE VCCI VSSI PROM8 ROMCS MEMCS[9] VCCO VSSO MEMCS[8] MEMCS[7] MEMCS[6] MEMCS[5] MEMCS[4] MEMCS[3]
38
TSC695FL
4204C-AERO-05/05
TSC695FL
Table 7. Pin Assignments (Continued)
Pin 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 Signal D[19] D[18] VCCO VSSO D[17] D[16] VCCI VSSI D[15] D[14] VCCO VSSO D[13] D[12] D[11] D[10] VCCO VSSO D[9] D[8] D[7] D[6] VCCO VSSO D[5] D[4] D[3] D[2] VCCO VSSO D[1] Pin 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 Signal VCCO VSSO RA[17] RA[16] RA[15] VCCO VSSO RA[14] VCCI VSSI RA[13] RA[12] VCCO VSSO RA[11] RA[10] RA[9] VCCO VSSO RA[8] RA[7] RA[6] VCCO VSSO RA[5] RA[4] RA[3] VCCO VSSO RA[2] RA[1] Pin 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 Signal SYSAV EXTINT[4] EXTINT[3] EXTINT[2] EXTINT[1] EXTINT[0] VCCI VSSI EXTINTACK IUERR VCCO VSSO CPAR TXA RXA RXB TXB IOWR IOSEL[3] VCCO VSSO IOSEL[2] IOSEL[1] IOSEL[0] WRT WE VCCO VSSO RD RLDSTO LOCK Pin 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 Signal VCCO VSSO MEMCS[2] MEMCS[1] MEMCS[0] VCCI VSSI OE VCCO VSSO MEMWR BUFFEN DDIR VCCO VSSO DDIR MHOLD MDS WDCLK IWDE EWDINT TMODE[1] TMODE[0] DEBUG INULL DIA VCCO VSSO FLUSH INST RTC
39
4204C-AERO-05/05
Ordering Information
Table 8. Possible Order Entries
Part Number TSC695FL-15MA-E TSC695FL-15MA 5962-0324601QXC 5962-0324601VXC TSC695FL-15SASB TSC695FL-15MB-E 5962-0324601Q9A 5962-0324601V9A Supply Voltage 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V Operating Temperature (C) 25 -55 to 125 -55 to 125 -55 to 125 -55 to 125 25 -55 to 125 -55 to 125 Max Speed 15 15 15 15 15 15 15 15 Packaging MQFP-F256 MQFP-F256 MQFP-F256 MQFP-F256 MQFP-F256 Die Die Die Quality Flow Engineering Samples Standard Mil. QML Q QML V ESCC Engineering Samples QML Q QML V
40
TSC695FL
4204C-AERO-05/05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel (R), logo and combinations thereof, are registered trademarks, and Everywhere You Are(R) are the trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
4204C-AERO-05/05


▲Up To Search▲   

 
Price & Availability of 5962-0324601Q9A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X